Part Number Hot Search : 
24ACR 7C1462A HD74H LVC2G24 MA3D652 MMSZ524 KA3843AM RX5VT46A
Product Description
Full Text Search
 

To Download 008380016000040 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  18 00 connector code prefix 00 = standard connector assembly 8380 series number 050 number of contacts 010 = 10 position 014 = 14 position 016 = 16 position 020 = 20 position 026 = 26 position 034 = 34 position 040 = 40 position 050 = 50 position 060 = 60 position 064 = 64 position 000 01 plating variation 01 = 30" gold over nickel solder 04 = 10" gold over nickel x polarization 0 = no polarizing keys standard 2 = type b - dual height molded in polarizing key(s) ordering code nb: additional plating and tail lengths are available. consult sales office for availability. low profile box header series 8380 low profile box headers are available in industry standard sizes of 10-64 positions. they mate to avx series 8290 idc sockets, as well as other industry compatible connec- tors. both straight and right angle solder dip pins for pc boards are available together with straight press-fit versions. the connector is shrouded on all four sides for polarization and contact protection. polarizing keys are molded in for correct socket alignment with contact loss. material: molding - ul94vo rated glass filled grey polyester contact - brass contact plating: selective gold over nickel plating on the mating face, pure tin on idc section current rating: 1 ampere at 70oc maximum ambient voltage rating: 350v dc or ac peak contact resistance: initially 10 milliohms maximum dielectric withstanding voltage: >1050 dc or ac peak insulation resistance: >1000 megohms operating temperature: -55oc to +105oc ul file no. e90723 csa file no. 1255749 contact variation 000 = solder tail straight contact for 1.6mm pcb - contact length (2.8mm) 001 = solder tail straight contact for 2.4mm pcb - contact length (3.6mm) 002 = solder tail right angle contact for 1.6mm pcb - contact length (2.8mm) 003 = solder tail right angle contact for 2.6mm pcb - contact length (3.6mm) 009 = press-fit contact for 2.4/3.2 pcb - contact length (4.5mm) technical specification
19 low profile box header series 8380 no. of contacts abc 10 17.90 (0.705) 4 10.16 (0.40) 14 22.98 (0.905) 6 15.24 (0.60) 16 25.52 (1.00) 7 17.78 (0.70) 20 30.60 (1.20) 9 22.86 (0.90) 26 38.22 (1.50) 12 30.48 (1.20) 34 48.38 (1.90) 16 40.64 (1.60) 40 56.00 (2.20) 19 48.26 (1.90) 50 68.70 (2.70) 24 60.96 (2.40) 60 81.40 (3.20) 29 73.66 (2.90) 64 86.48 (3.20) 31 78.74 (3.10) dimensions: millimeters (inches)


▲Up To Search▲   

 
Price & Availability of 008380016000040

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X